Part Number Hot Search : 
TCR5SB31 C4104 74LV10N DTB123ES LZ39B P145T LV640MU NE5514D
Product Description
Full Text Search
 

To Download KDV1471 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
FM RADIO BAND TUNING APPLICATION. FEATURES
High Capacitance Ratio : C1V/C5V=5.0(Min.) Excellent C-V Characteristics. Variations of Capacitance Values is Little.
A
KDV1471
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
L
E B
L
DIM A
D B C D E G H J K
MILLIMETERS _ 2.93 + 0.20
1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 - 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
G
Small Package.
2 H 1
3
MAXIMUM RATING (Ta=25
CHARACTERISTIC Reverse Voltage Junction Temperature Storage Temperature Range
)
SYMBOL VR Tj Tstg RATING 16 150 -55 150 UNIT V
C N
P
P
L M N P
M 3
1. ANODE 2. NC 3. CATHODE
2 1
K
SOT-23
GRADE A B C CAPACITANCE(CIV) 30.16~33.63 33.30~37.13 36.77~40.99
Type Name
UNIT
pF
Marking
Grade Lot No.
W3
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Reverse Voltage Reverse Current Capacitance Capacitance Ratio Series Resistance SYMBOL VR IR C1V C4.5V K rS TEST CONDITION IR=10 A VR=10V VR=1V, f=1MHz VR=4.5V, f=1MHz C1V/C5V, f=1MHz VR=1.5V, f=100MHz MIN. 16 30.16 6.2 5.0 TYP. 35.60 7.7 0.8 MAX. 50 40.99 9.2 1.0 UNIT V nA pF
2001. 5. 28
Revision No : 1
J
1/2
KDV1471
CR - V
100 CAPACITANCE C (pF) 50 30 1n
f=1MHz
I R - VR
REVERSE CURRENT I R (A)
Ta=25 C
100p 10p 1p 100f 10f
Ta=85 C Ta=55 C Ta=25 C
10 5
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
REVERSE VOLTAGE VR (V)
REVERSE VOLTAGE VR (V)
Q - VR
500 300 FIGURE OF MERIT Q
Hz 0M z f=5 H 0M f=7 0MHz 0 f=1
rs - f
1 VR =1.5V Ta=25 C
Ta=25 C
100 50 30
SERIES RESISTANCE rs ()
0.7
10 0 1 2 3 4 5
0.5 20 50 100 300 500 1K
REVERSE VOLTAGE V R (V)
FREQUENCY f (MHz)
C(Ta)/C(25 C) - VR (V)
1.08 1.06 1.04 1.02 1 0.98 0.96 0.94 0.92 0 1 2 3 4 5
Ta=85 C Ta=55 C Ta=25 C Ta=-15 C Ta=-55 C
(ppm/ C) - VR
1k 700 500 300
VARIATION OF CAPACITANCE C(Ta)/C(25 C)
VARIATION OF CAPACITANCE (ppm/ C)
f=1MHz
f=1MHz
100
Ta=-55 C~+85 C
0
1
2
3
4
5
REVERSE VOLTAGE V R (V)
REVERSE VOLTAGE V R (V)
2001. 5. 28
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KDV1471

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X